PART |
Description |
Maker |
AM29LV001BB-45RFI AM29LV001BB-45RFIB AM29LV001BB-4 |
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位28亩8位)的CMOS 3.0伏,只引导扇区闪 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 64KX16,TSOP(II)44,IND,SRAM
|
http:// Advanced Micro Devices, Inc.
|
L652DU12RF L652DU12RE AM29LV652DU50MAE AM29LV652DU |
128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOControl 128兆位6米8位)的CMOS 3.0伏特,只有统一部门闪存与VersatileIO⑩控制记 128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
|
Advanced Micro Devices, Inc.
|
AM29F010B-90EK AM29F010B-45EC AM29F010B-45PC AM29F |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDSO32 15V Single Output Isolated DC/DC Converter 128K X 8 FLASH 5V PROM, 120 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PQCC32 128K X 8 FLASH 5V PROM, 90 ns, PDIP32
|
Spansion, Inc. SPANSION LLC
|
AM29F200AB-90DWE1 AM29F200AT-90DWE AM29F200AT-90DW |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修1
|
Advanced Micro Devices, Inc.
|
AM29BDS128HD9VFI AM29BDS64HD8VKI AM29BDS128HD8VKI |
128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 12864兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 8M X 16 FLASH 1.8V PROM, 50 ns, PBGA80 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 1284兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AM29F200BB-45EC AM29F200BB-45ED AM29F200BB-45EF AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
http://
|
AM29F200A AM29F200AB-120EC AM29F200AB-120ECB AM29F |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29LV200T-90RFC |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices
|
AM49PDL129AH70IT AM49PDL129AH61IT AM49PDL129AH61IS |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion, Inc.
|
AM29F200B01 AM29F200BT-90DWI1 AM29F200B AM29F200BB |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
|
AMD[Advanced Micro Devices]
|
AM70PDL127CDH AM70PDL127CDH85I AM70PDL129CDH85I AM |
2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AMD29F010B AM29F010B-120PC |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMD
|